PART |
Description |
Maker |
NTD3055-150-D NTD3055-150/D |
Power MOSFET 9.0 Amps60 Volts Power MOSFET 9.0 Amps, 60 Volts N-Channel DPAK
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
MTD3055V1 MTD3055VT4 MTD3055V MTD3055V-D |
Power MOSFET 12 Amps, 60 Volts N-Channel DPAK Power MOSFET 12Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
MMBF2202PT1 MMBF2202P |
Power MOSFET 300 mAmps, 20 Volts P-Channel SC-70/SOT-323 Power MOSFET 300 mAmps / 20 Volts P−Channel SC/SOT
|
ON Semiconductor
|
MGSF1N02LT1 MGSF1N02LT3 MGSF1N02L MGSF1N02LT1-D |
Power MOSFET 750 mAmps, 20 Volts 750 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB Power MOSFET 750 mAmps, 20 Volts N-Channel SOT-23
|
ONSEMI[ON Semiconductor]
|
MMSF7N03Z MMSF7N03Z_D ON2275 MMSF7N03ZR2 |
7.5 A, 30 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET SINGLE TMOS POWER MOSFET 7.5 AMPERES 30 VOLTS From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MTD4N20E MTD4N20ET4 MTD4N20E-1 |
N?Channel DPAK Power MOSFET OBSOLETE - Power MOSFET 4 Amps, 200 Volts
|
ON Semiconductor
|
MMSF10N03Z MMSF10N03Z_D ON2249 |
SINGLE TMOS POWER MOSFET 10 AMPERES 30 VOLTS 10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET From old datasheet system Medium Power Surface Mount Products
|
Motorola Mobility Holdings, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
MMFT2406T1G MMFT2406T3 MMFT2406T3G MMFT2406T1 |
Power MOSFET 0.7 A, 240 V, 6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET 700 mA, 240 Volts
|
ONSEMI[ON Semiconductor]
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
|